PART |
Description |
Maker |
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
80287 M80287 |
80-BIT HMOS NUMERIC PROCESSOR EXTENSION 8-Bit HMOS Numeric Processor Extension(8B>HMOS数字处理器扩
|
Intel Corp.
|
M8085AH |
8-BIT HMOS MICROPROCESSOR
|
Intel Corporation
|
P8085AH-2 P8085AH-1 |
8-Bit HMOS Microprocessors
|
Intel
|
D8088 |
8-Bit HMOS Microprocessor
|
Intel
|
8085AH-2 8085AH-1 |
8 BIT HMOS MICROPROCESSORS
|
Intel
|
D2148 |
4K-Bit HMOS Static RAM
|
General Electric Solid State
|
IDTQS3861Q IDTQS3861 IDTQS3861SO IDTQS3861PA QS386 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches. High-Speed CMOS 10-Bit Bus Switch with Flow-Thru Pinout
|
INTEGRATED DEVICE TECHNOLOGY INC IDT[Integrated Device Technology]
|
M80287 |
80-BIT HMOS* NUMERIC PROCESSOR EXTENSION
|
INTEL[Intel Corporation]
|
D8748H D8749H |
HMOS-E SINGLE-COMPONENT 8-BIT MICROCONTROLLER
|
Intel Corp. INTEL[Intel Corporation]
|